Part Number Hot Search : 
2N4391 2W005 PCF8801 MC145444 PBRN123E IP5661 AD2S82A SPM3203
Product Description
Full Text Search
 

To Download NTE15006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15006 Integrated Circuit Dual, Bi-Directional Motor Driver
Description: The NTE15006 is a dual bidirectional motor driver. Since each channel has a 2-input logic circuit and performs bidirectional driving and braking functions, it is capable of direct driving motors of various types rated at 6V to 24V. The output voltage can be varied by the use of external zener diodes. This device is especially suited for dual motor drive (reel motor, loading motor, cassette motor in VCR) and for stepping motor drive applications. Features: D Able to Withstand 1A (Max) Dash Current with Contained Motor Drive Power Transistor D Performs Braking Function at the Motor Stop Mode D Contains Elements to Absorb Motor Dash Current D Direct Input Connection for MOS LSI D Minimum Number of External Parts Required D Wide Operating Voltage Range Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Output Current, IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Allowable Power Dissipation, PDmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.9W Operating Temperature range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 to +75 Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Recommended Operating Conditions: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V to 25V Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Current Dissipation Output Leakage Current Input Threshold Voltage Output Voltage Output Transistor Saturation Voltage Upper Output Transistor Saturation Voltage Lower Symbol ICC IOL Vth VO Vsat1 Vsat2 Test Conditions Braking Mode, RL = (Per Channel) Braking Mode, RL = (Per Channel) RL = RL = 60, VZ = 7.4V IOUT = 300mA IOUT = 500mA IOUT = 300mA IOUT = 500mA Min - - 0.9 6.5 - - - - Typ 7 40 1.05 7.2 1.9 2.0 0.3 0.5 Max 10 120 1.20 7.5 2.3 2.4 0.55 0.7 Unit mA A V V V V V V
Pin Connection Diagram VCC 1 Input 2 Output 2 1 2 3 F i n 4 5 6 12 VZ 1 11 Input 1 10- Output 1 F i n 9 8 7
GND Output 3 Input 3 VZ 2
GND Output 4 Input 4 VCC 2
.200 (5.08)
12
7 .300 (7.62)
1
6
.763 (19.4)
.253 (6.4)
.167 (4.25) .137 (3.5) .100 (2.54) .141 (3.6) .700 (17.78)


▲Up To Search▲   

 
Price & Availability of NTE15006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X